Part Number Hot Search : 
3D7010 LM181E06 LN189M E9321A 10A8DD HV15PD 157EV180 0401023
Product Description
Full Text Search
 

To Download KBPC801 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features  low cost  this series is ul recognized under component index, file number e127707  high forward surge current capability  ideal for printed circult board  high isolation voltage from case to leads.  high temperature soldering guaranteed: 260  /10 second, at 5 lbs. (2.3kg) tension. mechanical data  case: molded plastic body  terminal: lead solderable per mil - std - 202e method 208c  polarity: polarity symbols marked on case.  mounting: thru hole for #6 screw, 5 in,- lbs. torqute max.  weight: 0.20 ounce, 5.62 gram maximum ratings and electrical characteristics  ratings at 25  ambient temperature unless otherwise specified  single phase, half wave, 60hz, resistive or inductive load.  for capacitive load derate current by 20% kbp c kbp c kbp c kbp c kbp c kbp c kbp c 8005 801 802 804 806 808 810 br805 br81 br82 br84 br86 br88 br810 v rrm        volts maximum rms voltage v rms
        volts maximum dc blocking voltage v dc        volts maximum average forward rectified output current, at peak forward surge current 8.3ms single half sine - wave superimposed on rated load (jedec method ) rating for fusing (t<8.3ms) i 2 ta 2 s per bridge element at 4.0a maximum dc reverse current at rate d t a = 25  a dc blocking voltage per element t a    ma isolation voltage from case to leads. v iso v ac typical thermal resistance (note 1) r   /w operating temperature range t j storage temperature range t stg 1. unit mounted on 8.7" x 8.7" x 0.24" thick (22 x 22 x 0.6cm) al. plate. 2. unit mounted on p.c. borad 0.375" (9.5mm) lead length with 0.47" x 0.47" (12 x 12mm) copper pads. single-phase bridge rectifier  6.0 maximum repetitive peak reverse voltage  amps i (av) (-55 to +150)  (-55 to +125) v f i r i fsm    t a = 50  (note2) maximum instantaneous forward voltage drop t c = 50  (note1) t c = 100  (note1) symbols unit a mps volts     br8 05- 8 10 http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
8.3ms single half sine-wave current,(a) average forward output peak forward surge 5.5" x 6.0" x 0.11" instantaneous forward voltage,(v) 0.1 100 revrese voltage,(v) fig.5-typical junction capacitance per bridge element junction capacitance,(pf) 100 10 t =25 c =50mv f=1mhz sig v j 1.0 p-p 1000 10 instantaneous forward current, pulse width=300us 1% duty cycle 0.1 0.01 0.4 0.6 0.8 1.0 1.0 10 (a) 1.2 1.4 1.6 1.8 per bridge element forward characteristics am bie nt te mp era tur e copper pads case t empera ture temperature, ( c) 50 0 25 75 fig.3-typical 100 2.0 4.0 8.0 (12mm x 12mm) 0.47" x 0.47" mounting. 0.375"(9.5mm) p.c.b 0 lead length 100 150 125 175 t a al.plate. (14 x 15 x 0.3cm) t c instantaneous reverse current, 120 percent of rated peak reverse voltage,(%) 0.01 0 4020 80 60 100 (ua) 0.1 1.0 j t =25 c 140 characteristics j max number of cycles at 60 hz 0 per bridge element fig.4-typical reverse 10 1 2 4 6 8 10 40 20 current, (a) 50 1 cycle 100 (jedec method) =t t j 60 80 100 output rectified current fig.1-derating curve for 12 resistive or inductive load 60hz mounting. heat-sink forward surge current per element fig.2-maximum non-repetitive peak 150 j t =25 c e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of KBPC801

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X